PART |
Description |
Maker |
HFCN-1760 |
HI PASS FLTR /SURF MT / T&R / RoHS
|
Mini-Circuits
|
2-1445057-3 |
RT ANGLE SURFACE MOUNT HEADER ASSY, TIN CONTACTS W/SURF MOUNT HOLDDOWNS, SINGLE ROW, MICRO MATE-N-LOK?
|
Tyco Electronics
|
NTD78N03-35G NTD78N03T4G NTD78N03-1G NTD78N03.1G N |
Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: 3 IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 Power MOSFET 25 V, 78 A, Single N?Channel, DPAK
|
ON Semiconductor
|
NTD3055L170T4 |
Power MOSFET 9 Amps, 60 Volts, Logic Level N Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 9 A, 60 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTD70N03R-001 NTD70N03R-001G |
Power MOSFET 72 A, 25 V, N-Channel DPAK; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 32 A, 25 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STD1LNC60 STD1LNC60-1 |
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH⑩II MOSFET N沟道600V 12ohm - 1A像是iPak / DPAK封装MOSFET的第二PowerMESH N-CHANNEL 600V 12 OHM 1A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?II MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STGD7NB60H STGD7NB60HT4 |
N-CHANNEL 7A - 600V - DPAK POWERMESH IGBT N-CHANNEL 7A - 600V - DPAK PowerMESH⑩ IGBT N-CHANNEL 7A - 600V TO-220/DPAK POWERMESH IGBT N-CHANNEL 7A - 600V - DPAK PowerMESH IGBT N-CHANNEL 7A - 600V - DPAK PowerMESH?/a> IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NTD4815NT4G |
Power MOSFET 30 V, 35 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 6.9 A, 30 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STF20NF20 STP20NF20 STD20NF20 |
N-channel 200V - 0.10-18A- DPAK/TO-220/TO-220FP Low gate charge STripFETPower MOSFET N沟道200 0.10 18A条,DPAK/TO-220/TO-220FP低栅极电荷STripFET⑩功率MOSFET N-channel 200V - 0.10ヘ -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET⑩ Power MOSFET N-channel 200V - 0.10Ω -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET Power MOSFET N-channel 200V - 0.10Ω -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET?/a> Power MOSFET
|
STMicroelectronics N.V.
|
|